Part Number Hot Search : 
0N1TR FMS3110 0115K BAT81 24LLC02T SQ3866A 1E106 MJ15025
Product Description
Full Text Search
 

To Download ASD08-12S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 7 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 0 8 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 24-pin dip package wide 2:1 input range 1500v isolation short circuit protection high efficiency input pi filter model number output voltage output mamps input range efficiency single output ASD08-12S3 3.3 vdc 1500 9-18 vdc 74% asd08-24s3 1500 18-36 vdc 76% asd08-48s3 1500 36-72 vdc 76% asd08-12s5 5 vdc 1500 9-18 vdc 78% asd08-24s5 1500 18-36 vdc 79% asd08-48s5 1500 36-72 vdc 80% asd08-12s12 12 vdc 625 9-18 vdc 82% asd08-24s12 625 18-36 vdc 82% asd08-48s12 625 36-72 vdc 82% asd08-12s15 15 vdc 500 9-18 vdc 82% asd08-24s15 500 18-36 vdc 82% asd08-48s15 500 36-72 vdc 82% dua l output asd08-12d5 +/-5 vdc +/-750 9-18 vdc 79% asd08-24d5 +/-750 18-36 vdc 81% asd08-48d5 +/-750 36-72 vdc 81% asd08-12d12 +/-12 vdc +/-310 9-18 vdc 83% asd08-24d12 +/-310 18-36 vdc 83% asd08-48d12 +/-310 36-72 vdc 83% asd08-12d15 +/-15 vdc +/-250 9-18 vdc 83% asd08-24d15 +/-250 18-36 vdc 83% asd08-48d15 +/-250 36-72 vdc 83% unit measures 0.8w x 1.25l x 0.5h
i s o l a t e d a n d r e g u l a t e d 7 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 0 8 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25c unless other - wise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications. input specifica tions input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-72 vdc input filter pi type output specifica tions voltage and current see selection chart load regulation single (10% to fl) +/-0.5% dual (25% to fl) +/-1% line regulation (hl-ll) +/-0.2% temperature coefficient +/-0.05%/c ripple/noise 100mvp-p max. voltage accuracy +/-2%, max. voltage balance (dual) +/-1% short circuit protection continuous efficiency see selection chart genera l specifica tions input-output isolation 1500vdc isolation resistance 10-9nth ohm min. switching frequency 300khz environment a l specifica tions oper. temperature -25 to +71c case temperature 100c max. storage temperature -40 to +100c * cooling free air convection mtbf single o/p 1,109,000 hrs. dual o/p 1,090,000 hrs. mil-hdbk-217f ground benign, 25c physica l specifica tions case material black coated copper w. non-conductive base construction fully encapsulated weight 0.5 oz, (13g) dimensions 0.80 x 1.25 x 0.4
i s o l a t e d a n d r e g u l a t e d 7 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 0 8 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 mechanica l dimensions note: pin size is 0.02 inch (0.5mm) dia all dimensions in inches (mm) tolerance .xx = +/-0.02, .xxx = +/- 0.010 pin # single outputs dual outputs 1 no pin no pin 2 - input - input 3 - input - input 5 no pin no pin 9 nc common 10 nc nc 11 nc - output 12 no pin no pin 13 no pin no pin 14 + output + output 15 nc nc 16 - output common 22 + input + input 23 + input + input 24 no pin no pin


▲Up To Search▲   

 
Price & Availability of ASD08-12S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X